Part Number Hot Search : 
NJW4801 EM78459 B66295 UTT60P03 ST7162N STB6NC80 ST62E25C EDZ22
Product Description
Full Text Search
 

To Download PT480E00000F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PT480E00000F
PT480E00000F
Phototransistor
Features
1. 2. 3. 4. 5. Side view detection type Plastic mold with resin lens Narrow directivity angle Transparent resin Lead free and RoHS directive component
Agency Approvals/Compliance
1. Compliant with RoHS directive (2002/95/EC) 2. Content information about the six substances specified in "Management Methods for Control of Pollution Caused by Electronic Information Products Regulation" (popular name: China RoHS) (Chinese: ); refer to page 8
Applications
1. 2. 3. 4. 5. 6. 7. 8. 9. Optoelectronic switches Automatic stroboscopes Office automation equipment Audio visual equipment Home appliances Telecommunication equipment Measuring equipment Tooling machines Computers
Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
Sheet No.: D1-A01901EN Date Marcch 30, 2007 (c)SHARP Corporation
PT480E00000F Outline Dimensions
2.95
2.15
R0.8 0.1 2-C0.5 0.5 MAX. Gate burr 3.0 4 1.5
1.15 0.75 4 0.5 1.5 E. PIN R0.5
4.0
0.15 MAX. 4 4 60 0.15
1.0 MAX. resin burr
(1.7)
1.4
2 - 0.87
0.2 MAX. Resin burr
17.5 -1.0
+1.5
2 - 0.4 -0.1
+0.3
2 - 0.45 -0.1
+0.3
(2.54)
0.5 MIN.
1.6 (6) (6) (6) (6)
Terminal connection 1 2
Pin Arrangement 1 (6) 2.8 (6) 2 No. 1 2 Name Emitter Collector
NOTES: 1. Units: mm 2. Unspecified tolerence: 0.2 mm 3. ( ): Reference dimensions 4. Package: Transparent epoxy resin 5. The thin burr thickness and the gate burr (0.5 mm MAX.) are not included in outline dimensions 6. Resin protrusion: 1.0 mm MAX. however, the thin burr adheres to the lead 1.4 MAX. from the resin
Sheet No.: D1-A01901EN
2
PT480E00000F Absolute Maximum Ratings
Parameter Collector-emitter voltage Emitter-collector voltage Collector current Collector power dissipation Operating temperature Storage temperature Soldering temperature *1 Symbol VCEO VECO IC PC Topr Tstg Tsol 35 6 20 75 -25 to +85 -40 to +85 260
(Ta = 25C)
Rating
Unit V V mA mW C C C
*
1 5 s (MAX.) positioned 1/4 mm from resin edge. see Figure 13
Electro-optical Charactertistics
Parameter Collector current Dark current Collector-emitter saturation voltage Collector-emitter breakdown voltage Emitter-collector breakdown voltage Peak sensitivity wavelength Response time (Rise) Response time (Fall) Symbol IC ICEO VCE(sat) BVCEO BVECO p tr tf Conditions *1 Ee = 1 mW/cm2, VCE = 5 V Ee = 0, VCE = 20 V Ee = 10 mW/cm2, IC = 0.5 mA IC = 0.1 mA, Ee = 0 IE = 0.01 mA, Ee = 0 - VCE = 2 V, IC = 2 mA, RL = 100 MIN. 0.4 - - 35 6.0 - - - TYP. 1.7 1.0 0.1 - - 800 3.0 3.5 MAX. 6.0 100 0.4 - - - - -
(Ta = 25C)
Unit mA nA V V V nm s s
*
1 Ee: Irradiance by CIE standard light source A (tungsten lamp)
Fig. 1 Collector Power Dissipation vs. Ambient Temperature
Collector power dissipation Pc (mW) 80 75 70
Fig. 2 Spectral Sensitivity
Ta = 25C 100 90 80 Relative sensitivity (%) 70 60 50 40 30 20
60 50 40 30 20 15 10 0 -25
10 0 400 0 25 50 75 85 100 500 600 700 800 900 1,000 1,100
wavelength (nm)
Ambient temperature Ta (C)
Sheet No.: D1-A01901EN
3
PT480E00000F
Fig. 3 Sensitivity Diagram
(Ta = 25C) -20 -10 0 +10 100 -30 80 Relative sensitivity (%) +30 +20
Fig. 5 Relative Collector Current vs. Ambient Temperature
160 140 Relative collector current (%) 120 100 80 60 40 20 0 VCE = 5 V Ee = 1 mW/cm2
-40
60
+40
-50 -60 -70 -80 -90
40
+50 +60
20
+70 +80 +90
0
10
20
30
40
50
60
70
0 Angular displacement
Ambient temperature Ta (C)
Fig. 4 Collector Dark Current vs. Ambient Temperature
10-6 5 VCE = 20 V
Collector dark current I CEO (A)
Fig. 6 Collector Current vs. Irradience
20 10
Collector current I C (mA)
VCE = 5 V Ta = 25C
5
2 10-7 5 2 10
-8
2 1 0.5
5 2 10-9 5 2 10
-10
0.2 0.1 0.1 0 25 50 75 100
0.2
0.5
1
2
5
10
20
Irradiance Ee (mW/cm 2 )
Ambient temperature Ta (C)
Sheet No.: D1-A01901EN
4
PT480E00000F
Fig. 7 Collector Current vs. Collector-Emitter Voltage
2.0 Ta = 25C 1.8 1.6
Collector current IC (mA)
Fig. 9 Test Circuit to Determine Response Time
Input
cm mW/ = 1.0 Ee
2
Output
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 5 10 15
m mW/c 0.75
2
VCC RL Output
90%
10%
/cm 0.5 mW
2
tr
tf
0.25 mW/cm
2
Fig. 10 Collector-to-Emitter Saturation Voltage vs. Irradience
IC = 0.1 mA Collector-emitter saturation voltage VCE (sat) (V) 0.5 mA 1 mA 2 mA 1.4 Ta = 25C
0.1 mW/cm
2
20
25
30
35
40
1.2 1.0 0.8 0.6 0.4 0.2
Collector-emitter voltage VCE (V)
Fig. 8 Response Time vs. Load Resistance
100 50 VCE = 2 V IC = 2 mA Ta = 25C
Response time tr, tf (s)
20 10
tr tf
0 0.05
0.1
0.2
0.5
1
2
2
5
10
Irradiance Ee (mW/cm )
5
tf tr
Fig. 11 Relative Output vs Distance
100 50
2 1 0.1
20
0.2
0.5
1
2
5
10
Relative output (%)
10 5
Load resistance RL (k)
2 1 0.5 0.2 0.5 1 2 5 10 20 50
Distance between emitter and detector (mm)
Sheet No.: D1-A01901EN
5
PT480E00000F Packing Specifications Fig. 12 Packing Method
Inner packing
Product (1,000 pieces)
Vinyl bag
NOTES: 1. Inner packing material : Vinyl bag (Polyethylene) 2. Quantity: 1,000 pieces/bag
Outer packing
Cushioning material (2 sheets) Vinyl bag with products (2 bags) Cushioning material (2 sheets)
Packing case
Cellophane tape
NOTES: 1. Outer material : Packing case (Corrugated cardboard), Cushioning material (Urethane), Cellophane tape 2. Quantity: 2,000 pieces/box 3. Regular packaged mass: Approximately 270 g 4. Indication: Model No., Quantity, and Lot No.
Model No., Quantity, and Lot No.
Sheet No.: D1-A01901EN
6
PT480E00000F Packing Specifications
1. Parts are packed in a vinyl bag, at an average quantity of 1,000 pieces per bag. 2. Bags are secured in a box as shown in illustration on page 6. 3. Product mass: 0.09 g (approx.)
Design Notes
1. This product is not designed to resist electromagnetic and ionized-particle radiation.
Manufacturing Guidelines Cleaning Instructions
1. Confirm this device's resistance to process chemicals before use, as certain process chemicals may affect the optical characteristics. 2. Solvent cleaning: Solvent temperature should be 45C or below. Immersion time should be 3 minutes or less. 3. Ultrasonic cleaning: The effect upon devices varies due to cleaning bath size, ultrasonic power output, cleaning time, PCB size and device mounting circumstances. Sharp recommends testing using actual production conditions to confirm the harmlessness of the ultrasonic cleaning methods. 4. Recommended solvent materials: Ethyl alcohol, Methyl alcohol, and Isopropyl alcohol.
Soldering Instructions
1. Sharp recommends not soldering this part using preheat or solder reflow methods. 2. If hand soldering, use temperatures 260 for 5 seconds. 3. When mounting this device, care should be taken to prevent any boundary exfoliation (pad lifting) between the solder, the pad, and the circuit board. 4. Do not subject the package to excessive mechanical force during soldering as it may cause deformation or defects in plated connections. Internal connections may be severed due to mechanical force placed on the package due to the PCB flexing during the soldering process.
Fig. 13 Soldering Area
1.4 mm
Solderable
Sheet No.: D1-A01901EN
7
PT480E00000F Presence of ODCs (RoHS Compliance)
This product shall not contain the following materials, and they are not used in the production process for this product: * Regulated substances: CFCs, Halon, Carbon tetrachloride, 1,1,1-Trichloroethane (Methylchloroform). Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all. This product shall not contain the following materials banned in the RoHS Directive (2002/95/EC). * Lead, Mercury, Cadmium, Hexavalent chromium, Polybrominated biphenyls (PBB), Polybrominated diphenyl ethers (PBDE). * Content information about the six substances specified in "Management Methods for Control of Pollution Caused by Electronic Information Products Regulation" (Chinese: )
Toxic and Hazdardous Substances Category Lead (Pb) mercury (Hg) Cadmium (Cd) Hexavalent chromiun (Cr6+) Polybrominated biphenyls (PBB) Polybrominated diphenyl ethers (PBDE)
Infrared Emitting Diode
NOTE: indicates that the content of the toxic and hazardous substance in all the homogeneous materials of the part is below the concentration limit requirement as described in SJ/T 11363-2006 standard.
Sheet No.: D1-A01901EN
8
PT480E00000F Important Notices
* The circuit application examples in this publication are provided to explain representative applications of SHARP devices and are not intended to guarantee any circuit design or license any intellectual property rights. SHARP takes no responsibility for any problems related to any intellectual property right of a third party resulting from the use of SHARP's devices. * Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. SHARP reserves the right to make changes in the specifications, characteristics, data materials, structure, and other contents described herein at any time without notice in order to improve design or reliability. Manufacturing locations are also subject to change without notice. * Observe the following points when using any devices in this publication. SHARP takes no responsibility for damage caused by improper use of the devices which does not meet the conditions and absolute maximum ratings to be used specified in the relevant specification sheet nor meet the following conditions: (i) The devices in this publication are designed for use in general electronic equipment designs such as: --- Personal computers --- Office automation equipment --- Telecommunication equipment (terminal) --- Test and measurement equipment --- Industrial control --- Audio visual equipment --- Consumer electronics (ii) Measures such as fail-safe function and redundant design should be taken to ensure reliability and safety when SHARP devices are used for or in connection with equipment that requires higher reliabilty such as:
--- Transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) --- Traffic signals --- Gas leakage sensor breakers --- Alarm equipment --- Various safety devices, etc. (iii) SHARP devices shall not be used for or in connection with equipment that requires an extremely high level of reliability and safety such as: --- Space applications --- Telecommunication equipment (trunk lines) --- Nuclear power control equipment --- Medical and other life support equipment (e.g. scuba) * If the SHARP devices listed in this publication fall within the scope of strategic products described in the Foreign Exchange and Foreign Trade Law of Japan, it is necessary to obtain approval to export such SHARP devices. * This publication is the proprietary product of SHARP and is copyrighted, with all rights reserved. Under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, for any purpose, in whole or in part, without the express written permission of SHARP. Express written permission is also required before any use of this publication may be made by a third party. * Contact and consult with a SHARP representative if there are any questions about the contents of this publication.
Sheet No.: D1-A01901EN
9


▲Up To Search▲   

 
Price & Availability of PT480E00000F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X